PART |
Description |
Maker |
CM150DY-12H |
Dual IGBTMOD 150 Amperes/600 Volts 150 A, 600 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... Powerex Power Semiconductors Powerex, Inc.
|
SPD5420TXV SPD5415 SPD5415S SPD5415SMS SPD5415SMSS |
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
EFM301B EFM302B EFM303B EFM304B EFM305B EFM306B EF |
3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes 3 A, 150 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
PM150CVA060 |
Intellimod?/a> Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts) Intellimod Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts) Intellimod⑩ Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
MMBT5401-C-AE3-R |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
MMBT5401 |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
MICRO COMMERCIAL COMPONENTS
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
CM150DY-12NF |
Dual IGBTMOD NF-Series Module 150 Amperes/600 Volts
|
Powerex Power Semicondu...
|
|